PART |
Description |
Maker |
FC0.7-18-05LT FC0.7-18-05L2 FC0.7-18-05LT2 FC0.7-1 |
SWITCH TOGGLE SPDT ON-ON SWITCH TOGGLE SPDT PC MNT 5PCS SWITCH TOGGLE SPDT R/A PCB .4VA SWITCH ROCKER W/BRKT SPDT .460H SWITCH SLIDE MINI DPDT VBRKT GLD SWITCH PUSHWHEEL BCD DEC #0-9 BK SWITCH THUMBWHEEL BCD FRNT MT BK SWITCH SLIDE MINI SPDT PNLMT G/S SWITCH SLIDE MINI SPDT VBRKT GLD SWITCH PUSHWHL BCD DEC 0-9 BLACK SWITCH PUSHWHEEL BCD DEC 0-9 BLK SWITCH DOOR INTERLOCK SPDT 15A SWITCH THUMBWHEEL BCD REAR MT BK SWITCH ROCKER SPDT 5A SOLDER BK SWITCH TOGGLE SPDT VERT R/A PCB 模拟IC Analog IC 模拟IC DPDT 240V, 2 A SLIDE SWITCH 模拟IC
|
TE Connectivity, Ltd. ITT, Corp. NTE Electronics, Inc. ON Semiconductor Panasonic, Corp.
|
1241.3260 1241.3123 |
SPECIAL SWITCH-PIEZO SWITCH, SPST, MOMENTARY, 0.1A, 60VDC, PANEL MOUNT Vandal Resistant Pushbutton Switch; Actuator Diameter:19mm; Circuitry:SPST-NO; Contact Current Max:2.6A; Mounting Type: PCB; Switch Function:SPST-NO
|
SCHURTER INC
|
SM5010BK1S SM5010BH2S SM5010AN1S SM5010AN2S SM5010 |
AC OUTPUT MODULE NON ZERO CROSS 晶体振荡器模块集成电 Slide Switch; Circuitry:SPST; Contact Current Max:4A; Switch Operation:On-On; Switch Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:PCB; Switch Features:Right Angle Actuator RoHS Compliant: Yes 晶体振荡器模块集成电 Crystal Oscillator Module ICs
|
Nippon Precision Circuits I... Seiko NPC, Corp. Seiko NPC Corporation NPC[Nippon Precision Circuits Inc] Nippon Precision Circui...
|
ADM693 ADM692 |
Analog Switch / Multiplexer (Mux) IC; On-Resistance, Rds(on):85ohm; Analog Switch Function:Analog Switch; Leakage Current:0.5nA; Supply Voltage Max Analog Switch / Multiplexer (Mux) IC; Analog Switch Function:Analog Switch; Package/Case:16-DIP; Leaded Process Compatible:No; Leakage Current:0.5nA
|
Analog Devices, Inc.
|
46256LFRX |
Slide Switch; Circuitry:DPDT; Contact Current Max:3A; Switch Terminals:Solder Lug; Mounting Type:Solder Lug; Switch Features:Screwdriver-Slotted Flush Actuator RoHS Compliant: Yes SLIDE SWITCH, DPDT, LATCHED, 0.5A, 125VDC, PANEL MOUNT
|
Switchcraft, Inc.
|
1T405 |
Vandal Resistant Pushbutton Switch; Illumination:Illuminated; Actuator Style:Round; Actuator Diameter:22mm; Circuitry:SPST; Switch Operation:Push to Make; Switch Terminals:Solder Lug; Contact Current Max:50mA Variable Capacitance Diode
|
SONY[Sony Corporation]
|
FSA3157P6X-NL NC7SB3157P6X-NL FSA3157 FSA3157L6X F |
Low Voltage SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO6 TinyLogic. Low Voltage UHS Analog Switch 2-Channel Multiplexer/Demultiplexer
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
SLD344YT-3 SLD344YT SLD344YT-1 SLD344YT-2 SLD344YT |
Rotary Switch; Contact Current Max:1.5A; No. of Poles:1; No. of Switch Positions:6; Indexing:60 ; Switch Terminals:Through Hole; Circuitry:SPST; Mounting Type:PCB RoHS Compliant: Yes 6W高功率激光二极管 Rotary Switch; No. of Switch Positions:10; Circuitry:SPDT; Contact Current Max:1.5A; Indexing:30 ; Contact Rating:1.5A at 28VDC; Mounting Type:Panel; Number of Positions:10; Switch Features:30 degrees Indexing; Switch Function:SPDT 6W高功率激光二极管 Rotary Switch; Contact Current Max:1.5A; No. of Poles:6; No. of Switch Positions:2; Indexing:30 ; Switch Terminals:Through Hole; Circuitry:6PST; Mounting Type:PCB RoHS Compliant: Yes 6W高功率激光二极管 Rotary Switch; Contact Current Max:9A; No. of Switch Positions:2; Circuitry:SPST RoHS Compliant: Yes 6W高功率激光二极管 Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:4; Impedance:100ohm; Voltage Nom.:600V RoHS Compliant: Yes 6W High Power Laser Diode
|
Sony, Corp. SONY[Sony Corporation]
|
ADG1419 ADG1419BCPZ-REEL7 ADG1419BRMZ ADG1419BRMZ- |
2.1 Ω Max On Resistance ±15 V/12 V/±5 V iCMOS SPDT Switch; Package: Micro SOIC; No of Pins: 8; Temperature Range: Ind SGL POLE DOUBLE THROW SWITCH, PDSO8 2.1 Ω On Resistance, ±15 V/ 12 V/±5 V iCMOS SPDT Switch 2.1 楼? On Resistance, 隆戮15 V/ 12 V/隆戮5 V iCMOS SPDT Switch
|
Analog Devices, Inc.
|
BRT21 BRT21H C67079-A1020-A6 C67079-A1021-A10 C670 |
SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch 1 CHANNEL TRIAC OUTPUT WITH ZERO CRSVR OPTOCOUPLER SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch SITACO AC开关无零电压开关与零电压开 RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 05V; Output Voltage (Vdc): 12V; Power: 1W; Pot-Core Transformer - separated INDUCTOR TOROID 180UH 15% HORIZ From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
V15T16CZ200A01XXK V15H16-CP100A-03 V15T22-CP100B05 |
Electromechanical switch designed for enhanced reliability at a great value. SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, PANEL MOUNT Electromechanical basic Switch SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, PANEL MOUNT
|
Honeywell Solid State Electronics Center HONEYWELL SENSING AND CONTROL Honeywell Solid State Elect... Honeywell Solid State E...
|
65041K206 |
SPECIAL SWITCH-MULTI SWITCH, DPDT, LATCHED, 0.5A, 125VDC, PANEL MOUNT
|
SWITCHCRAFT INC
|